Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2127 Datasheet (PDF) - ON Semiconductor

2SA2127 Datasheet PDF - ON Semiconductor
Part # 2SA2127
Download  2SA2127 Download
File Size   462.98 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP

2SA2127 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2127 Datasheet PDF - ON Semiconductor

Part # 2SA2127
Download  2SA2127 Click to download

File Size   462.98 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP

2SA2127 Datasheet (HTML) - ON Semiconductor


2SA2127 Product details

Bipolar Transistor
-50V, -2A, Low VCE(sat), PNP Single MP

Features
• Adoption of MBIT process 
• Low saturation voltage
• High current capacity and wide ASO

Applications
• Voltage regulators, relay drivers, lamp drivers, electrical equipment




Similar Part No. - 2SA2127

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
2SA2127 SANYO-2SA2127 Datasheet
37Kb / 4P
High-Current Switching Applications
More results


Similar Description - 2SA2127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com