Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1121 Datasheet (PDF) - ON Semiconductor

2SB1121 Datasheet PDF - ON Semiconductor
Part # 2SB1121
Download  2SB1121 Download
File Size   189.59 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP

2SB1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1121 Datasheet PDF - ON Semiconductor

Part # 2SB1121
Download  2SB1121 Click to download

File Size   189.59 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP

2SB1121 Datasheet (HTML) - ON Semiconductor


2SB1121 Product details

Features
• Adoption of FBET, MBIT processes
• Large current capacity and wide SOA
• Low collector to emitter saturation voltage
• Fast switching speed
• Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s

Applications
• Voltage regulators, relay drivers, lamp drivers, electrical equipment




Similar Part No. - 2SB1121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1121 SANYO-2SB1121 Datasheet
95Kb / 3P
High-Current Driver Applications?
logo
Guangdong Kexin Industr...
2SB1121 KEXIN-2SB1121 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SB1121 SANYO-2SB1121 Datasheet
106Kb / 4P
High-Current Driver Applications
2SB1121 SANYO-2SB1121 Datasheet
93Kb / 4P
High-Current Driver Applications
logo
Guangdong Kexin Industr...
2SB1121-R KEXIN-2SB1121-R Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SB1121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com