Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1618 Datasheet (PDF) - ON Semiconductor

2SD1618 Datasheet PDF - ON Semiconductor
Part # 2SD1618
Download  2SD1618 Download
File Size   272.95 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP

2SD1618 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1618 Datasheet PDF - ON Semiconductor

Part # 2SD1618
Download  2SD1618 Click to download

File Size   272.95 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP

2SD1618 Datasheet (HTML) - ON Semiconductor


2SD1618 Product details

Features
• Low collector-to-emitter saturation voltage
• Very small size making it easy to provide highdensity, small-sized hybrid IC’s




Similar Part No. - 2SD1618

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
85Kb / 3P
Low-Voltage, High-Current Amp, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618 KEXIN-2SD1618 Datasheet
52Kb / 2P
PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
Low-Voltage High-Current Amplifier, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618-S KEXIN-2SD1618-S Datasheet
1Mb / 3P
NPN Transistors
2SD1618-T KEXIN-2SD1618-T Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SD1618

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC6094 ONSEMI-2SC6094 Datasheet
329Kb / 7P
Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com