Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPH3101 Datasheet (PDF) - ON Semiconductor

CPH3101 Datasheet PDF - ON Semiconductor
Part # CPH3101
Download  CPH3101 Download
File Size   588.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3

CPH3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH3101 Datasheet PDF - ON Semiconductor

Part # CPH3101
Download  CPH3101 Click to download

File Size   588.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3

CPH3101 Datasheet (HTML) - ON Semiconductor


CPH3101 Product details

Features
• Adoption of FBET and MBIT processes
• Large current capacity
• Low collector-to-emitter saturation voltage
• High-speed switching
• Ultrasmall-sized package permitting applied sets to be made small and slim
• High allowable power dissipation

Applications
• Relay drivers, lamp drivers, motor drivers, flash




Similar Part No. - CPH3101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3101 SANYO-CPH3101 Datasheet
73Kb / 4P
DC/DC Converter Applications
More results


Similar Description - CPH3101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com