Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7303-UR Datasheet (PDF) - Marktech Corporate

MT7303-UR Datasheet PDF - Marktech Corporate
Part # MT7303-UR
Download  MT7303-UR Download
File Size   35.66 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 3mm Ultra Bright Red LEDs

MT7303-UR Datasheet (PDF)

Go To PDF Page Download Datasheet
MT7303-UR Datasheet PDF - Marktech Corporate

Part # MT7303-UR
Download  MT7303-UR Click to download

File Size   35.66 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 3mm Ultra Bright Red LEDs

MT7303-UR Datasheet (HTML) - Marktech Corporate


MT7303-UR Product details

FEATURES
• Excellent on/off contrasts
• Low drive current
• High intensity red light emission
• Choice of lens color
• Available in two materials
• Can be packaged on tape in a reel or in a box




Similar Part No. - MT7303-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7303-UR-A MARKTECH-MT7303-UR-A Datasheet
180Kb / 3P
Ultra Bright LEDs
More results


Similar Description - MT7303-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2103-UG MARKTECH-MT2103-UG Datasheet
34Kb / 1P
Marktech 3mm Ultra Bright Y G LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
MT7133-UR MARKTECH-MT7133-UR Datasheet
35Kb / 1P
Marktech 10mm Ultra Bright LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
Marktech 5mm Tapered 20 Ultra Bright LEDs
LC307THR1-30Q-A MARKTECH-LC307THR1-30Q-A Datasheet
51Kb / 2P
InGaAlP Red Ultra Bright 3mm LED
MT1303-UHR MARKTECH-MT1303-UHR Datasheet
379Kb / 2P
Ultra Bright Red 3mm LED
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
Marktech 3mm Ultra Bright Y G LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
logo
OptoSupply Internationa...
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
3mm Round Ultra Bright Red LED
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
3mm Round Ultra Bright Red LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com