Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7133 Datasheet (PDF) - Marktech Corporate

MT7133 Datasheet PDF - Marktech Corporate
Part # MT7133
Download  MT7133 Download
File Size   35.3 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 10mm Ultra Bright LEDs

MT7133 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT7133 Datasheet PDF - Marktech Corporate

Part # MT7133
Download  MT7133 Click to download

File Size   35.3 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 10mm Ultra Bright LEDs

MT7133 Datasheet (HTML) - Marktech Corporate


MT7133 Product details

FEATURES
• Excellent on/off contrasts
• Low drive current
• High intensity red light emission
• Choice of lens color
• Available in two materials




Similar Part No. - MT7133

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7103-UR MARKTECH-MT7103-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7103-UR-A MARKTECH-MT7103-UR-A Datasheet
175Kb / 3P
Ultra Bright LEDs
MT7103A-UR MARKTECH-MT7103A-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7103A-UR-A MARKTECH-MT7103A-UR-A Datasheet
135Kb / 6P
3.0mm ROUND LED LAMP
MT7115A-UR MARKTECH-MT7115A-UR Datasheet
33Kb / 1P
Ultra a Bright T-1쩐 LED Lamps
More results


Similar Description - MT7133

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
MT2103-UG MARKTECH-MT2103-UG Datasheet
34Kb / 1P
Marktech 3mm Ultra Bright Y G LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
MT7103-UR MARKTECH-MT7103-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MT7118-UR MARKTECH-MT7118-UR Datasheet
35Kb / 1P
Marktech 5mm 12 AND 36 Ultra Bright LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
Marktech 5mm Tapered 20 Ultra Bright LEDs
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
Marktech 3mm Ultra Bright Y G LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
Marktech 3 Leaded 10mm Bi−Color LEDs
logo
P-tec Corporation
PL24-WCA16 P-TEC-PL24-WCA16 Datasheet
77Kb / 1P
10mm Ultra Bright Amber LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com