Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN7225B Datasheet (PDF) - ON Semiconductor

EN7225B Datasheet PDF - ON Semiconductor
Part # EN7225B
Download  EN7225B Download
File Size   530.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6

EN7225B Datasheet (PDF)

Go To PDF Page Download Datasheet
EN7225B Datasheet PDF - ON Semiconductor

Part # EN7225B
Download  EN7225B Click to download

File Size   530.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6

EN7225B Datasheet (HTML) - ON Semiconductor


EN7225B Product details

Features
• Adoption of MBIT process
• High current capacitance
• Low collector-to-emitter saturation voltage
• High-speed switching
• Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm)
• High allowable power dissipation

Applications
• Relay drivers, lamp drivers, motor drivers, flash




Similar Part No. - EN7225B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
More results


Similar Description - EN7225B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com