Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ6.8CE Datasheet (PDF) - KEC(Korea Electronics)

KDZ6.8CE Datasheet PDF - KEC(Korea Electronics)
Part # KDZ6.8CE
Download  KDZ6.8CE Download
File Size   438.9 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description ZENER DIODE SILICON EPITAXIAL PLANAR DIODE

KDZ6.8CE Datasheet (PDF)

Go To PDF Page Download Datasheet
KDZ6.8CE Datasheet PDF - KEC(Korea Electronics)

Part # KDZ6.8CE
Download  KDZ6.8CE Click to download

File Size   438.9 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description ZENER DIODE SILICON EPITAXIAL PLANAR DIODE

KDZ6.8CE Datasheet (HTML) - KEC(Korea Electronics)


KDZ6.8CE Product details

CONSTANT VOLTAGE REGULATION APPLICATION AND ESD PROTECTION.

FEATURES
• Very small package.
• High reliability.
• Transient protection for high-speed data line to
   IEC61000-4-2(ESD) 15kV(Aiv), 8kV (Contact).
• Low capacitance.
• Low leakage current.
• Zener voltage tolerance : 2%

APPLICATIONS
• Constant voltage regulation.
• ESD protection.
• Suitable for portable instruments.
• High-speed data lines.




Similar Part No. - KDZ6.8CE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CV KEC-KDZ6.8CV Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Similar Description - KDZ6.8CE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com