Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSM345K-Y Datasheet (PDF) - Marktech Corporate

MTSM345K-Y Datasheet PDF - Marktech Corporate
Part # MTSM345K-Y
Download  MTSM345K-Y Download
File Size   44.4 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 1210 SMT LEDs

MTSM345K-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MTSM345K-Y Datasheet PDF - Marktech Corporate

Part # MTSM345K-Y
Download  MTSM345K-Y Click to download

File Size   44.4 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 1210 SMT LEDs

MTSM345K-Y Datasheet (HTML) - Marktech Corporate


MTSM345K-Y Product details

FEATURES
• Excellent on/off contrasts
• Wide viewing angle
• Solid state reliability
• Choice of water clear or color clear lens
• Other colors/materials available




Similar Part No. - MTSM345K-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM340UV-F5120 MARKTECH-MTSM340UV-F5120 Datasheet
3Mb / 6P
Peak Wavelength Measurement tolerance : 짹3nm
MTSM3415-HRY MARKTECH-MTSM3415-HRY Datasheet
41Kb / 1P
Marktech SOT??3 SMT LEDs
More results


Similar Description - MTSM345K-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
Marktech Rectangular 2x5mm LEDs
MTSM2142A-UR MARKTECH-MTSM2142A-UR Datasheet
32Kb / 2P
Marktech Domed Lens SMT LEDs
MTSM3015-HR MARKTECH-MTSM3015-HR Datasheet
41Kb / 1P
Marktech SOT??3 SMT LEDs
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
Marktech Gull Wing SMT LEDs
MTSM635KM-URUG MARKTECH-MTSM635KM-URUG Datasheet
32Kb / 1P
Marktech 1210 Bi?묬olor SMT LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
Marktech 1206 SMT LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
Marktech 0805 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
Marktech 0603 SMT LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com