Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSS40302PDR2G Datasheet (PDF) - ON Semiconductor

NSS40302PDR2G Datasheet PDF - ON Semiconductor
Part # NSS40302PDR2G
Download  NSS40302PDR2G Download
File Size   98.62 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary 40 V, 6.0 A, Low VCE(sat) Transistor

NSS40302PDR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NSS40302PDR2G Datasheet PDF - ON Semiconductor

Part # NSS40302PDR2G
Download  NSS40302PDR2G Click to download

File Size   98.62 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary 40 V, 6.0 A, Low VCE(sat) Transistor

NSS40302PDR2G Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSS40302PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
125Kb / 9P
Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
September, 2008 ??Rev. 0
More results


Similar Description - NSS40302PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
125Kb / 9P
Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
September, 2008 ??Rev. 0
NSS40300MDR2G ONSEMI-NSS40300MDR2G Datasheet
112Kb / 6P
Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
May, 2008 ??Rev. 1
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
110Kb / 6P
60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
NSS40300MDR2G ONSEMI-NSS40300MDR2G_11 Datasheet
142Kb / 6P
Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com