Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS10PU200S Datasheet (PDF) - Bruckewell Technology LTD

SS10PU200S Datasheet PDF - Bruckewell Technology LTD
Part # SS10PU200S
Download  SS10PU200S Download
File Size   464.63 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Very low profile - typical height of 1.1 mm

SS10PU200S Datasheet (PDF)

Go To PDF Page Download Datasheet
SS10PU200S Datasheet PDF - Bruckewell Technology LTD

Part # SS10PU200S
Download  SS10PU200S Click to download

File Size   464.63 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Very low profile - typical height of 1.1 mm

SS10PU200S Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - SS10PU200S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
High Current Density Surface Mount
More results


Similar Description - SS10PU200S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-215SURC EVERLIGHT-12-215SURC Datasheet
149Kb / 9P
Chip LED (1.1 mm Height)
12-215SYGC EVERLIGHT-12-215SYGC Datasheet
164Kb / 9P
Chip LED (1.1 mm Height)
12-215UBC EVERLIGHT-12-215UBC Datasheet
145Kb / 9P
Chip LED (1.1 mm Height)
GHC-YR1S1 EVERLIGHT-GHC-YR1S1 Datasheet
159Kb / 10P
Chip LED (1.1 mm Height)
07-27-2005
15-21SYGC EVERLIGHT-15-21SYGC Datasheet
158Kb / 9P
Chip LED (1.1 mm Height)
15-21-GHC-YR1S1-2T EVERLIGHT-15-21-GHC-YR1S1-2T_05 Datasheet
204Kb / 10P
1206 Package Chip LED (1.1 mm Height)
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
logo
Meder Electronic
CRR MEDER-CRR Datasheet
498Kb / 3P
Very low profile
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-BK1L2VY-2T TO-GRACE-15-21-G6C-BK1L2VY-2T Datasheet
805Kb / 10P
1206 Package Chip LED (1.1 mm Height)
logo
First Silicon Co., Ltd
LB6S FS-LB6S Datasheet
158Kb / 2P
Low Profile: Typical height of 1.4mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com