Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBR30120CT Datasheet (PDF) - Bruckewell Technology LTD

TMBR30120CT Datasheet PDF - Bruckewell Technology LTD
Part # TMBR30120CT
Download  TMBR30120CT Download
File Size   462.57 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Dual Common-Cathode Ultra Low VF Schottky Rectifier

TMBR30120CT Datasheet (PDF)

Go To PDF Page Download Datasheet
TMBR30120CT Datasheet PDF - Bruckewell Technology LTD

Part # TMBR30120CT
Download  TMBR30120CT Click to download

File Size   462.57 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Dual Common-Cathode Ultra Low VF Schottky Rectifier

TMBR30120CT Datasheet (HTML) - Bruckewell Technology LTD


TMBR30120CT Product details

Features
• Guard ring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder Dip 260 °C, 40 s
• RoHS compliant package

Applications
For use in high frequency rectifier of switching mode
power supplies, freewheeling diodes, dc-to-dc converters
or polarity protection application.

Mechanical Data
• Case: TO-220AB
• Molding compound meets UL 94 V-0 flammability
• Terminals: Matte tin plated leads
• Polarity: As marked
• Weight: 2.24 grams
• Mounting Torque: 10 in-lbs maximum




Similar Part No. - TMBR30120CT

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TMBR30100CT BWTECH-TMBR30100CT Datasheet
444Kb / 4P
Guard ring for overvoltage protection
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
More results


Similar Description - TMBR30120CT

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBR20L45CT BWTECH-MBR20L45CT Datasheet
116Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF30200CT BWTECH-MBRF30200CT Datasheet
140Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
19-Sep-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com