Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC-3953 Datasheet (PDF) - Advantech Co., Ltd.

MIC-3953 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-3953_14
Download  MIC-3953 Download
File Size   392.69 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI짰 Single PMC Slot Carrier Board

MIC-3953 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-3953 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-3953_14
Download  MIC-3953 Click to download

File Size   392.69 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI짰 Single PMC Slot Carrier Board

MIC-3953 Datasheet (HTML) - Advantech Co., Ltd.




Similar Part No. - MIC-3953_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
MIC-3951-AE ADVANTECH-MIC-3951-AE Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
MIC-3954 ADVANTECH-MIC-3954 Datasheet
308Kb / 2P
3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
612Kb / 2P
3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Similar Description - MIC-3953_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
MIC-3960 ADVANTECH-MIC-3960 Datasheet
126Kb / 1P
6U CompactPCI짰 Media Carrier Board
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
6U CompactPCI짰 PCI Carrier Board
logo
List of Unclassifed Man...
CPCIS-2500 ETC2-CPCIS-2500 Datasheet
376Kb / 1P
3U CompactPCI짰 6-slot Cubic Chassis with CompactPCI짰 Power Module
logo
Advantech Co., Ltd.
MIC-3022 ADVANTECH-MIC-3022_14 Datasheet
536Kb / 2P
4U CompactPCI짰 Enclosure for 3U Cards
MIC-3002A ADVANTECH-MIC-3002A_14 Datasheet
174Kb / 1P
4U CompactPCI짰 Enclosure with 6-Slot 3U Backplane
MIC-3680 ADVANTECH-MIC-3680_15 Datasheet
258Kb / 1P
2-Port CAN-bus 3U CompactPCI짰 Card
logo
Adlink Technology Inc.
CT-3620 ADLINK-CT-3620 Datasheet
239Kb / 2P
Rugged Conduction Cooled 3U CompactPCI짰 Processor
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com