Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1003 Datasheet (PDF) - Maxim Integrated Products

MAX1003 Datasheet PDF - Maxim Integrated Products
Part # MAX1003
Download  MAX1003 Download
File Size   115.31 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 90Msps, Dual 6-Bit ADC

MAX1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1003 Datasheet PDF - Maxim Integrated Products

Part # MAX1003
Download  MAX1003 Click to download

File Size   115.31 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 90Msps, Dual 6-Bit ADC

MAX1003 Datasheet (HTML) - Maxim Integrated Products


MAX1003 Product details

General Description
The MAX1003 is a dual, 6-bit analog-to-digital converter (ADC) that combines high-speed, low-power operation with a user-selectable input range, an internal reference, and a clock oscillator. The dual parallel ADCs are designed to convert in-phase (I) and quadrature (Q) analog signals into two 6-bit, offset-binary-coded digital outputs at sampling rates up to 90Msps. The ability to directly interface with baseband I and Q signals makes the MAX1003 ideal for use in direct-broadcast satellite, VSAT, and QAM16 demodulation applications.

Features
♦ Two Matched 6-Bit ADCs
♦ High Sampling Rate: 90Msps per ADC
♦ Low Power Dissipation: 350mW
♦ Excellent Dynamic Performance:
   5.85 ENOB with 20MHz Analog Input
   5.7 ENOB with 50MHz Analog Input
♦ ±1/4LSB INL and DNL (typ)
♦ Internal Bandgap Voltage Reference
♦ Internal Oscillator with Overdrive Capability
♦ 55MHz (-0.5dB) Bandwidth Input Amplifiers with
   True Differential Inputs
♦ User-Selectable Input Full-Scale Range
   (125mVp-p, 250mVp-p, or 500mVp-p)
♦ 1/4LSB Channel-to-Channel Offset Matching (typ)
♦ 0.1dB Gain and 0.5° Phase Matching (typ)
♦ Single-Ended or Differential Input Drive
♦ Flexible, 3.3V, CMOS-Compatible Digital Outputs

Applications
   Direct Broadcast Satellite (DBS) Receivers
   VSAT Receivers
   Wide Local Area Networks (WLANs)
   Cable Television Set-Top Boxes




Similar Part No. - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1003 MAXIM-MAX1003 Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1003EVKIT-SO MAXIM-MAX1003EVKIT-SO Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
More results


Similar Description - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1011 MAXIM-MAX1011 Datasheet
111Kb / 12P
Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Linear Technology
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com