Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044 Datasheet (PDF) - Maxim Integrated Products

MAX1044 Datasheet PDF - Maxim Integrated Products
Part # MAX1044
Download  MAX1044 Download
File Size   116.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Converters

MAX1044 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1044 Datasheet PDF - Maxim Integrated Products

Part # MAX1044
Download  MAX1044 Click to download

File Size   116.74 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Converters

MAX1044 Datasheet (HTML) - Maxim Integrated Products


MAX1044 Product details

General Description
The MAX1044 and ICL7660 are monolithic, CMOS switched-capacitor voltage converters that invert, double, divide, or multiply a positive input voltage. They are pin compatible with the industry-standard ICL7660 and LTC1044. Operation is guaranteed from 1.5V to 10V with no external diode over the full temperature range. They deliver 10mA with a 0.5V output drop. The MAX1044 has a BOOST pin that raises the oscillator frequency above the audio band and reduces external capacitor size requirements.

Features
● Miniature μMAX Package
● 1.5V to 10.0V Operating Supply Voltage Range
● 98% Typical Power-Conversion Efficiency
● Invert, Double, Divide, or Multiply Input Voltages
● BOOST Pin Increases Switching Frequencies
   (MAX1044)
● No-Load Supply Current: 200μA Max at 5V
● No External Diode Required for Higher-Voltage
   Operation

Applications
● -5V Supply from +5V Logic Supply
● Personal Communications Equipment
● Portable Telephones
● Op-Amp Power Supplies
● EIA/TIA-232E and EIA/TIA-562 Power Supplies
● Data-Acquisition Systems
● Hand-Held Instruments
● Panel Meters




Similar Part No. - MAX1044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
Rev 2; 2/17
MAX1044/ICL7660 MAXIM-MAX1044/ICL7660 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
Rev 2; 2/17
MAX1044C/D MAXIM-MAX1044C/D Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
Rev 2; 2/17
MAX1044C/D+ MAXIM-MAX1044C/D+ Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
MAX1044CPA MAXIM-MAX1044CPA Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results


Similar Description - MAX1044

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Analog Devices
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
logo
Microchip Technology
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com