Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1132 Datasheet (PDF) - Maxim Integrated Products

MAX1132 Datasheet PDF - Maxim Integrated Products
Part # MAX1132
Download  MAX1132 Download
File Size   388.82 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit ADC, 200ksps, 5V Single-Supply with Reference

MAX1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1132 Datasheet PDF - Maxim Integrated Products

Part # MAX1132
Download  MAX1132 Click to download

File Size   388.82 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit ADC, 200ksps, 5V Single-Supply with Reference

MAX1132 Datasheet (HTML) - Maxim Integrated Products


MAX1132 Product details

General Description

The MAX1132/MAX1133 are 200ksps, 16-bit ADCs. These serially interfaced ADCs connect directly to SPI™, QSPI™, and MICROWIRE™ devices without external logic. They combine an input scaling network, internal track/hold, clock, a +4.096V reference, and three general-purpose digital output pins (for external multiplexer or PGA control) in a 20-pin SSOP package. The excellent dynamic performance (SINAD ≥ 85dB), high-speed (200ksps), and low power (7.5mA) of these ADCs, make them ideal for applications such as industrial process control, instrumentation, and medical applications. The MAX1132 accepts input signals of 0 to +12V (unipolar) or ±12V (bipolar), while the MAX1133 accepts input signals of 0 to +4.096V (unipolar) or ±4.096V (bipolar). Operating from a single +4.75V to +5.25V analog supply and a +4.75V to +5.25V digital supply, power-down modes reduce current consumption to 1mA at 10ksps and further reduce supply current to less than 20µA at slower data rates. A serial strobe output (SSTRB) allows direct connection to the TMS320 family of digital signal proces sors. The MAX1132/MAX1133 user can select either the internal clock, or an external serial-interface clock for the ADC to perform analog-to-digital conversions.



Features

♦ 200ksps (Bipolar) and 150ksps (Unipolar) Sampling ADC

♦ 16-Bits, No Missing Codes

♦ 1.5LSB INL Guaranteed

♦ 85dB (min) SINAD

♦ +5V Single-Supply Operation

♦ Low-Power Operation, 7.5mA (Unipolar Mode)

♦ 2.5µA Shutdown Mode

♦ Software-Configurable Unipolar and Bipolar Input Ranges

   0 to +12V and ±12V (MAX1132)

   0 to +4.096V and ±4.096V (MAX1133)

   Internal or External Reference

♦ Internal or External Clock

♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface

♦ Three User-Programmable Logic Outputs

♦ Small 20-Pin SSOP Package



Applications

  Industrial Process Control

  Industrial I/O Modules

  Data-Acquisition Systems

  Medical Instruments

  Portable and Battery-Powered Equipment



 




Similar Part No. - MAX1132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11321ATJ+ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results


Similar Description - MAX1132

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com