Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1280 Datasheet (PDF) - Maxim Integrated Products

MAX1280 Datasheet PDF - Maxim Integrated Products
Part # MAX1280
Download  MAX1280 Download
File Size   363.24 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference

MAX1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1280 Datasheet PDF - Maxim Integrated Products

Part # MAX1280
Download  MAX1280 Click to download

File Size   363.24 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference

MAX1280 Datasheet (HTML) - Maxim Integrated Products


MAX1280 Product details

General Description
The MAX1280/MAX1281 12-bit ADCs combine an 8-channel analog-input multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. The MAX1280 operates from a single +4.5V to +5.5V supply; the MAX1281 operates from a single +2.7V to +3.6V supply. Both devices’ analog inputs are software configurable for unipolar/bipolar and single ended/pseudo-differential operation.

Features
♦ 8-Channel Single-Ended or 4-Channel Pseudo-Differential Inputs
♦ Internal Multiplexer and Track/Hold
♦ Single-Supply Operation
   +4.5V to +5.5V (MAX1280)
   +2.7V to +3.6V (MAX1281)
♦ Internal +2.5V Reference
♦ 400ksps Sampling Rate (MAX1280)
♦ Low Power 2.5mA (400ksps)
   1.3mA (Reduced-Power Mode)
   0.9mA (Fast Power-Down Mode)
   2µA (Full Power-Down)
♦ SPI/QSPI/MICROWIRE/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 20-Pin TSSOP Package




Similar Part No. - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP+ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP+ MAXIM-MAX1280BEUP+ Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280EVC16 MAXIM-MAX1280EVC16 Datasheet
151Kb / 9P
MAX1280 Evaluation System
Rev 0; 5/00
MAX1280EVKIT MAXIM-MAX1280EVKIT Datasheet
151Kb / 9P
MAX1280 Evaluation System
Rev 0; 5/00
More results


Similar Description - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com