Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1459 Datasheet (PDF) - Maxim Integrated Products

MAX1459 Datasheet PDF - Maxim Integrated Products
Part # MAX1459
Download  MAX1459 Download
File Size   243.57 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire, 4-20mA Smart Signal Conditioner

MAX1459 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1459 Datasheet PDF - Maxim Integrated Products

Part # MAX1459
Download  MAX1459 Click to download

File Size   243.57 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire, 4-20mA Smart Signal Conditioner

MAX1459 Datasheet (HTML) - Maxim Integrated Products


MAX1459 Product details

General Description

The MAX1459 highly integrated analog-sensor signal conditioner is optimized for piezoresistive sensor calibration and compensation with minimal external components. It includes a programmable current source for sensor excitation, a 3-bit programmable-gain amplifier (PGA), a 128-bit internal EEPROM, and four 12-bit DACs. Achieving a total error factor within 1% of the sensor’s repeatability errors, the MAX1459 compensates offset, offset temperature coefficient (offset TC), full-span output (FSO), FSO temperature coefficient (FSOTC), and FSO nonlinearity of silicon piezoresistive sensors.



Features

♦ Highly Integrated Sensor Signal Conditioner for 2-Wire, 4–20mA Transmitters

♦ Sensor Errors Trimmed Using Correction

  Coefficients Stored in Internal EEPROM—Eliminates the Need for Laser Trimming and Potentiometers

♦ Compensates Offset, Offset TC, FSO, FSOTC, FSO Linearity

♦ Programmable Current Source (0.1mA to 2.0mA) for Sensor Excitation

♦ Fast Signal-Path Settling Time (≈1ms)

♦ Accepts Sensor Outputs from +1mV/V to +40mV/V

♦ Fully Analog Signal Path

♦ Internal or External Temperature Reference Compensation

♦ Automated Pilot Production (Calibration/Compensation) System Available

♦ Write Protection for EEPROM Data Security



Applications

  4–20mA Transmitters

  Piezoresistive Pressure and Acceleration

  Industrial Pressure Sensors

  Load Cells/Wheatstone Bridges

  Strain Gauges

  Temperature Sensors



 




Similar Part No. - MAX1459

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14590 MAXIM-MAX14590 Datasheet
1Mb / 9P
High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
More results


Similar Description - MAX1459

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
List of Unclassifed Man...
NV6A ETC1-NV6A Datasheet
185Kb / 2P
Filtering signal conditioner for sensor signal matching to a 4-20mA, 2-wire interface
MTL5041 ETC1-MTL5041 Datasheet
51Kb / 1P
REPEATER POWER SUPPLY / 4/20mA, for 2-wire transmitters
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com