Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1561 Datasheet (PDF) - Maxim Integrated Products

MAX1561 Datasheet PDF - Maxim Integrated Products
Part # MAX1561
Download  MAX1561 Download
File Size   245.34 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs

MAX1561 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1561 Datasheet PDF - Maxim Integrated Products

Part # MAX1561
Download  MAX1561 Click to download

File Size   245.34 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs

MAX1561 Datasheet (HTML) - Maxim Integrated Products


MAX1561 Product details

General Description
The MAX1561/MAX1599 step-up converters drive up to six white LEDs with a constant current to provide backlight in cell phones, PDAs, and other hand-held devices. The step-up converter topology allows series connection of the white LEDs so the LED currents are identical for uniform brightness. This configuration eliminates the need for ballast resistors and expensive factory calibration.

Features
♦ Accurate Current Regulation for Uniform Illumination
♦ High Efficiency Up to 87%
♦ Flexible Analog or PWM Dimming Control
♦ Up to 900mW Output Power with Internal 30V MOSFET Switch
♦ Fast 1MHz (MAX1561) or 500kHz (MAX1599) PWM Operation
♦ Small, Low-Profile External Components
♦ 2.6V to 5.5V Input Range
♦ 26V (max) Output with Overvoltage Protection
♦ Optimized for Low 15mVP-P Input Ripple
♦ Soft-Start with Zero Inrush Current
♦ 0.3µA Shutdown Current
♦ Tiny 8-Pin 3mm x 3mm Thin DFN Package

Applications
    Cell Phones and Smart Phones
    PDAs, Palmtops, and Wireless Handhelds
    e-Books and Subnotebooks
    White LED Display Backlighting




Similar Part No. - MAX1561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX156 MAXIM-MAX156 Datasheet
624Kb / 20P
8-/4-Channel ADCs with Simultaneous T/Hs and Reference
19-2949; Rev 1; 6/94
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562 Datasheet
362Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
More results


Similar Description - MAX1561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
26V Step-Up Converters for Two to Six White LEDs
logo
Anpec Electronics Corop...
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Eutech Microelectronics...
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
32V Step-Up Converters for Two to Nine White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
High Efficiency, 26V Step-Up White LED Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com