Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1607 Datasheet (PDF) - Maxim Integrated Products

MAX1607 Datasheet PDF - Maxim Integrated Products
Part # MAX1607
Download  MAX1607 Download
File Size   133.27 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB Current-Limited Switch in Pin-Compatible Package

MAX1607 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1607 Datasheet PDF - Maxim Integrated Products

Part # MAX1607
Download  MAX1607 Click to download

File Size   133.27 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB Current-Limited Switch in Pin-Compatible Package

MAX1607 Datasheet (HTML) - Maxim Integrated Products


MAX1607 Product details

General Description
The MAX1607 is a current-limited 60mΩ switch with built-in fault blanking. Its accurate, preset 0.7A to 1.0A current limit makes it ideal for USB applications. Its low quiescent supply current (14µA) and standby current (1µA) conserve battery power in portable applications. The MAX1607 operates with inputs from +2.7V to +5.5V, making it ideal for both 3V and 5V systems.

Features
♦ SO Package is Pin Compatible with TPS2014,
   TPS2015, and TPS2041
♦ Accurate Current Limit (0.7A min, 1.0A max)
♦ Guaranteed 0.75A Short-Circuit Protection
♦ 10ms Internal OC Blanking Timeout
♦ No Overcurrent (OC) Signal During Power-Up
♦ 125mΩ max High-Side MOSFET
♦ 500mA Continuous Current
♦ Short-Circuit and Thermal Protection with
   Overcurrent Logic Output
♦ 1ms Start-Up Time
♦ Undervoltage Lockout
♦ 14µA Quiescent Supply Current
♦ 1µA max Standby Supply Current
♦ +2.7V to +5.5V Supply Range
♦ UL Recognized #E211935

Applications
   Notebook Computers
   USB Ports
   USB Hubs
   Docking Stations




Similar Part No. - MAX1607

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16071 MAXIM-MAX16071 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
MAX16072RSD+ MAXIM-MAX16072RSD+ Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
MAX16073 MAXIM-MAX16073 Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
More results


Similar Description - MAX1607

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4608 ANALOGICTECH-AAT4608 Datasheet
312Kb / 10P
Current Limited Load Switch in SOT-23 Package
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
Current Limited Load Switch in SOT-23 Package
logo
Maxim Integrated Produc...
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Advanced Analog Technol...
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
Current Limited Load Switch in SOT23 Package
2006.05.1.3
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
2006.09.1.4
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607_07 Datasheet
245Kb / 10P
USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
logo
Advanced Analogic Techn...
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com