Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1608 Datasheet (PDF) - Maxim Integrated Products

MAX1608 Datasheet PDF - Maxim Integrated Products
Part # MAX1608
Download  MAX1608 Download
File Size   291.75 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal SMBus-to-Parallel I/O Expanders

MAX1608 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1608 Datasheet PDF - Maxim Integrated Products

Part # MAX1608
Download  MAX1608 Click to download

File Size   291.75 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal SMBus-to-Parallel I/O Expanders

MAX1608 Datasheet (HTML) - Maxim Integrated Products


MAX1608 Product details

General Description

The MAX1608/MAX1609 provide remote input/output (I/O) expansion through an SMBus™ 2-wire serial interface.

Each device has eight high-voltage open-drain outputs that double as TTL-level logic inputs, providing continuous bidirectional capabilities. The open-drain outputs tailor the MAX1608/MAX1609 for use in load-switching and other level-shifting applications as well as general-purpose I/O applications.



Features

♦Serial-to-Parallel or Parallel-to-Serial Conversions

♦8 General-Purpose Digital I/O Pins (withstand +28V)

♦SMBus 2-Wire Serial Interface

♦Supports SMBSUSAsynchronous Suspend

♦9 Pin-Selectable Slave Addresses

♦Outputs High Impedance on Power-Up (MAX1609)

♦Outputs Low on Power-Up (MAX1608)

♦2.5µA Supply Current

♦+2.7V to +5.5V Supply Range

♦16-Pin QSOP Package



Applications

Parallel I/O Expansion

Power-Plane Switching

Notebook and Desktop Computers

Servers and Workstations

Notebook Docking Stations

Industrial Equipment




Similar Part No. - MAX1608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608 Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608EEE MAXIM-MAX1608EEE Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
More results


Similar Description - MAX1608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
SMBus low power I/O port
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
SMBus I/O port with Interrupt
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
SMBus I/O port with reset
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
SMBus Low-Power I/O Expander
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com