Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1610 Datasheet (PDF) - Maxim Integrated Products

MAX1610 Datasheet PDF - Maxim Integrated Products
Part # MAX1610
Download  MAX1610 Download
File Size   137.44 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Controlled CCFL Backlight Power Supplies

MAX1610 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1610 Datasheet PDF - Maxim Integrated Products

Part # MAX1610
Download  MAX1610 Click to download

File Size   137.44 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Controlled CCFL Backlight Power Supplies

MAX1610 Datasheet (HTML) - Maxim Integrated Products


MAX1610 Product details

General Description
The MAX1610/MAX1611 are fully integrated, high efficiency drivers for cold-cathode fluorescent lamps(CCFLs). They operate from a 4.5V to 26V power source. An on-board, high-switching-frequency power MOSFET reduces external component count and magnetics size. The MAX1610/MAX1611 protect against open or shorted lamps. The CCFL can be driven from an isolated transformer secondary winding to improve efficiency and avoid flicker at dim tube settings. Brightness is adjusted by scaling the lamp current, or by operating with a fixed lamp current and chopping the CCFL on and off at a rate faster than the eye can detect.

Features
● Direct Digital Control of CCFL Brightness
● Low Supply Current: 3mA Max Operating 20µA Max Shutdown
● Low-Voltage Operation, Down to 4.5V
● Internal 26V, 0.7W Power Switch
● Protection Against Open or Shorted Lamps
● Supports Isolated Transformer Secondary Winding
● SMBus Serial Interface (MAX1611)
● No Flicker at Low Brightness (internal 280Hz current chopping)
● High Power-to-Light Efficiency
● Selectable 290kHz/145kHz Switching Frequency
● Oscillator SYNC Input
● 16-Pin Narrow SO Package

ABSOLUTE MAXIMUM RATINGS
BATT to GND ............................................................-0.3V to 28V
BST to GND ..............................................................-0.3V to 30V
BST to LX ....................................................................-0.3V to 6V
LX to GND ................................................-0.6V to (BATT + 0.3V)
VL to GND...................................................................-0.3V to 6V




Similar Part No. - MAX1610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results


Similar Description - MAX1610

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
Low-Cost CCFL Backlight Controller
Rev 0; 6/04
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com