Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1614 Datasheet (PDF) - Maxim Integrated Products

MAX1614 Datasheet PDF - Maxim Integrated Products
Part # MAX1614
Download  MAX1614 Download
File Size   87.15 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Side, N-Channel MOSFET Switch Driver

MAX1614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1614 Datasheet PDF - Maxim Integrated Products

Part # MAX1614
Download  MAX1614 Click to download

File Size   87.15 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Side, N-Channel MOSFET Switch Driver

MAX1614 Datasheet (HTML) - Maxim Integrated Products


MAX1614 Product details

General Description
The MAX1614 drives high-side, n-channel power MOSFETs to provide battery power-switching functions in portable equipment. The n-channel power MOSFETs typically have one-third the on-resistance of p-channel MOSFETs of similar size and cost. An internal micropower regulator and charge pump generate the high-side drive output voltage, while requiring no external components.

Features
♦ Internal On/Off Latch
♦ High-Side, n-Channel Power MOSFET Drive
♦ 25µA (max) Quiescent Current
♦ 6µA (max) Off Current
♦ Requires No External Components
♦ 1.5%-Accurate Low-Battery Detector
♦ Space-Saving µMAX Package
♦ 5V to 26V Input Voltage Range
♦ Drives Single or Back-to-Back MOSFETs
♦ Controlled Turn-On for Low Inrush Current

Applications
   Notebook Computers
   Portable Equipment
   Hand-Held Instruments
   Battery Packs




Similar Part No. - MAX1614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
295Kb / 9P
High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Rev 1; 6/11
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KM MAXIM-MAX16140B220KM Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KMT MAXIM-MAX16140B220KMT Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140D220JM MAXIM-MAX16140D220JM Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
More results


Similar Description - MAX1614

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4779CY VISHAY-SI4779CY Datasheet
86Kb / 8P
High-Side N-Channel Switch with Current Limit
16-Jul-01
logo
Toshiba Semiconductor
TPD7101F TOSHIBA-TPD7101F Datasheet
269Kb / 9P
2 channel High-Side N-ch Power MOSFET Gate Driver
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC1154 LINER-LTC1154_11 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614_11 Datasheet
295Kb / 9P
High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Rev 1; 6/11
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Linear Technology
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com