Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1640 Datasheet (PDF) - Maxim Integrated Products

MAX1640 Datasheet PDF - Maxim Integrated Products
Part # MAX1640
Download  MAX1640 Download
File Size   116.02 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier

MAX1640 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1640 Datasheet PDF - Maxim Integrated Products

Part # MAX1640
Download  MAX1640 Click to download

File Size   116.02 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier

MAX1640 Datasheet (HTML) - Maxim Integrated Products


MAX1640 Product details

General Description
The MAX1640/MAX1641 CMOS, adjustable-output, switch-mode current sources operate from a +5.5V to +26V input, and are ideal for microprocessor-controlled battery chargers. Charging current, maximum output voltage, and pulse-trickle charge are programmed with external resistors. Programming the off-time modifies the switching frequency, suppressing undesirable harmonics in noise-sensitive circuits. The MAX1640’s high side current sensing allows the load to connect directly to ground, eliminating ground-potential errors. The MAX1641 incorporates a low-side current sense.
The MAX1640/MAX1641 step-down pulse-width-modulation (PWM) controllers use an external P-channel MOSFET switch and an optional, external N-channel MOSFET synchronous rectifier for increased efficiency. An internal low-dropout linear regulator provides power for the internal reference and circuitry as well as the gate drive for the N-channel synchronous rectifier. The MAX1640/MAX1641 are available in space-saving, 16-pin narrow QSOP packages.

Features
♦ 95% Efficiency
♦ +5.5V to +26V Input Supply Range
♦ 2V to 24V Adjustable-Output Voltage Range
♦ 100% Maximum Duty Cycle (Low Dropout)
♦ Up to 500kHz PWM Operation
♦ Optional Synchronous Rectifier
♦ 16-Pin QSOP Package
♦ Current-Sense Accuracy: 2% (MAX1641) 5.3% (MAX1640)

Applications
   Battery-Powered Equipment
      Laptop, Notebook, and Palmtop Computers
      Handy Terminals
   Portable Consumer Products
      Cordless Phones
      Cellular Phones
      PCS Phones
   Backup Battery Charger




Similar Part No. - MAX1640

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640 Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1640 MAXIM-MAX1640 Datasheet
53Kb / 4P
Fully Assembled and Tested
1997
MAX1640C/D MAXIM-MAX1640C/D Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1640EEE+ MAXIM-MAX1640EEE+ Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1640EVKIT MAXIM-MAX1640EVKIT Datasheet
53Kb / 4P
Fully Assembled and Tested
1997
More results


Similar Description - MAX1640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640_09 Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com