Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1660 Datasheet (PDF) - Maxim Integrated Products

MAX1660 Datasheet PDF - Maxim Integrated Products
Part # MAX1660
Download  MAX1660 Download
File Size   244.46 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Controlled Fuel-Gauge Interface

MAX1660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1660 Datasheet PDF - Maxim Integrated Products

Part # MAX1660
Download  MAX1660 Click to download

File Size   244.46 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digitally Controlled Fuel-Gauge Interface

MAX1660 Datasheet (HTML) - Maxim Integrated Products


MAX1660 Product details

General Description
The MAX1660 digitally controlled fuel-gauge interface executes two essential functions for rechargeable battery-pack management: fuel gauging and pack overcurrent protection. It accurately monitors a battery pack’s charge and discharge current flow, and records each using two independent, on-board Coulomb counters.

Features
♦ 1% Accuracy over a 600µA to 4A Current Range (RSENSE = 30mΩ)
♦ 5µV Input Offset Voltage (28µV max)
♦ SMBus 2-Wire (Plus Optional Interrupt) Serial Interface
♦ 2.00V Precision System Reference Output
♦ 3.3V Linear-Regulator Output Powers External Circuitry
♦ Two Micropower Shutdown Modes
♦ Independent 32-Bit Charge and Discharge Coulomb Counters
♦ Battery-Overcharge/Overdischarge Protection
♦ Battery Short-Circuit/Overcurrent Protection
♦ On-Board Power MOSFET Drivers
♦ 80µA Quiescent Current
♦ <1µA Shutdown Current
♦ Small 16-Pin QSOP Package (Same Board Area as 8-Pin SO)

Applications
    Smart-Battery Packs
    Battery-Pack Overcurrent Protection
    Industrial-Control System Interfaces
    Battery-Pack Fuel Gauging
    Digital Current-Sense Instrumentation
    Analog-to-Digital Conversion




Similar Part No. - MAX1660

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
MAX1660 MAXIM-MAX1660_V01 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
More results


Similar Description - MAX1660

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
Low Voltage Fuel Gauge
October 25, 2005
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
Standalone Fuel Gauge IC
5/09
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
Low Voltage Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
Wide Range Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2792 MAXIM-DS2792 Datasheet
418Kb / 40P
Programmable Fuel Gauge with UART Interface
REV: 021607
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
MAX1660 MAXIM-MAX1660_V01 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com