Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1682 Datasheet (PDF) - Maxim Integrated Products

MAX1682 Datasheet PDF - Maxim Integrated Products
Part # MAX1682
Download  MAX1682 Download
File Size   81.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Doublers

MAX1682 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1682 Datasheet PDF - Maxim Integrated Products

Part # MAX1682
Download  MAX1682 Click to download

File Size   81.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Doublers

MAX1682 Datasheet (HTML) - Maxim Integrated Products


MAX1682 Product details

General Description
The ultra-small MAX1682/MAX1683 monolithic, CMOS charge-pump voltage doublers accept input voltages ranging from +2.0V to +5.5V. Their high voltage-conversion efficiency (over 98%) and low operating current (110µA for MAX1682) make these devices ideal for both battery-powered and board-level voltage-doubler applications.

Features
♦ 5-Pin SOT23 Package
♦ +2.0V to +5.5V Input Voltage Range
♦ 98% Voltage-Conversion Efficiency
♦ 110µA Quiescent Current (MAX1682)
♦ Requires Only Two Capacitors
♦ Up to 45mA Output Current

Applications
    Small LCD Panels
    Cell Phones
    Handy-Terminals
    PDAs




Similar Part No. - MAX1682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
187Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682 MAXIM-MAX1682 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
2010
MAX16820 MAXIM-MAX16820 Datasheet
216Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
216Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
918Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
More results


Similar Description - MAX1682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
Switched Capacitor Voltage Doublers
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
logo
Maxim Integrated Produc...
MAX1683EUKT MAXIM-MAX1683EUKT Datasheet
187Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
547799 MAXIM-547799 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682EUK MAXIM-MAX1682EUK Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682_V01 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com