Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1698 Datasheet (PDF) - Maxim Integrated Products

MAX1698 Datasheet PDF - Maxim Integrated Products
Part # MAX1698
Download  MAX1698 Download
File Size   234.85 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Step-Up Current Regulator for LEDs

MAX1698 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1698 Datasheet PDF - Maxim Integrated Products

Part # MAX1698
Download  MAX1698 Click to download

File Size   234.85 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Step-Up Current Regulator for LEDs

MAX1698 Datasheet (HTML) - Maxim Integrated Products


MAX1698 Product details

General Description
The MAX1698 and MAX1698A are efficient drivers for white or color LEDs. They are ideal for large LED backlit displays in PDAs and laptop computers. Numerous benefits include greater simplicity, lower cost, higher efficiency, longer bulb life, and greater reliability when compared to fluorescent (CCFL) and electroluminescent (EL) lamps.

Features
♦ Over 90% Efficiency
♦ Lossless, Adjustable LED Brightness
♦ Space-Saving 10-Pin µMAX Package
♦ Simpler, Lower Cost, More Reliable Compared to CCFL or EL Backlights
♦ Up to 5W Output Power

Applications
    Battery-Powered Backlight Applications
    Backlight for LCD Panels
    Notebook PCs
    Handy Terminals
    PDAs




Similar Part No. - MAX1698

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698 Datasheet
131Kb / 4P
Fully assembled and tested circuit board that contains a boost switching-regulator current source and array of white LEDs
Rev 0; 4/00
MAX1698 MAXIM-MAX1698 Datasheet
167Kb / 8P
High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX16984AATJA MAXIM-MAX16984AATJA Datasheet
988Kb / 36P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
More results


Similar Description - MAX1698

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1314 AIMTRON-AT1314 Datasheet
312Kb / 12P
High-Efficiency Step-Down Current Regulator For LEDs
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
1A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
1A Step-Up Current Regulator for Flash LEDs
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
logo
E-CMOS Corporation
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9211 E-CMOS-EC9211 Datasheet
847Kb / 15P
High Efficiency 1.5MHz, Step up Regulator
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com