Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1702B Datasheet (PDF) - Maxim Integrated Products

MAX1702B Datasheet PDF - Maxim Integrated Products
Part # MAX1702B
Download  MAX1702B Download
File Size   820.71 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output Power-Management IC for Microprocessor-Based Systems

MAX1702B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1702B Datasheet PDF - Maxim Integrated Products

Part # MAX1702B
Download  MAX1702B Click to download

File Size   820.71 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output Power-Management IC for Microprocessor-Based Systems

MAX1702B Datasheet (HTML) - Maxim Integrated Products


MAX1702B Product details

General Description
The MAX1702B power-management IC supports ARM Powered® devices such as the Intel® PXA210 and PXA250 microprocessors based on the Intel XScale™ micro-architecture. These devices include PDAs, third generation smart cellular phones, internet appliances, automotive in-dash Telematics systems, and other applications requiring substantial computing and multimedia capability at low power.

Features
● Three Regulators in One Package
    • Peripherals and I/O Supply: 3.3V at 900mA
    • μP Core Supply: 0.7V to VIN at 400 mA
    • Memory Supply: 1.8/2.5/3.3V at 800 mA
● Supports Intel® PXA210 and PXA250 Microprocessors
● Power-On Reset with Manual Reset Input
● Auto Power-Up Sequencing
● 1MHz PWM Switching Allows Small External Components
● Low 5μA Shutdown Current
● Tiny 6mm x 6mm, 36-pin QFN Package

Applications
● PDA, Palmtop, and Wireless Handhelds
● Third Generation Smart Cell Phones
● Internet Appliances and Web Books




Similar Part No. - MAX1702B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702BEGX MAXIM-MAX1702BEGX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
More results


Similar Description - MAX1702B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
ISL91211AIK RENESAS-ISL91211AIK Datasheet
1Mb / 54P
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Feb.25.20
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com