Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1725 Datasheet (PDF) - Maxim Integrated Products

MAX1725 Datasheet PDF - Maxim Integrated Products
Part # MAX1725
Download  MAX1725 Download
File Size   152.57 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V, Ultra-Low IQ, Low-Dropout Linear Regulators

MAX1725 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1725 Datasheet PDF - Maxim Integrated Products

Part # MAX1725
Download  MAX1725 Click to download

File Size   152.57 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V, Ultra-Low IQ, Low-Dropout Linear Regulators

MAX1725 Datasheet (HTML) - Maxim Integrated Products


MAX1725 Product details

General Description
The MAX1725/MAX1726 are ultra-low supply current, low-dropout linear regulators intended for low-power applications that demand the longest possible battery life. Unlike inferior PNP-based designs, the MAX1725/MAX1726s’ PMOS pass elements maintain an ultra-low 2µA supply current throughout their entire operating range and in dropout. Despite their ultra-low power consumption, the MAX1725/MAX1726 have tight output accuracy (1.5%) and require just 1µF output capacitance to achieve good load-transient response.

Features
♦ 2µA Supply Current
♦ Reverse-Battery Protection
♦ +2.5V to +12V Input Voltage Range
♦ Fixed 1.8V, 2.5V, 3.3V, and 5V Output Voltages (MAX1726)
♦ Adjustable 1.5V to 5V Output Voltages (MAX1725)
♦ 20mA Guaranteed Output Current
♦ 1.5% Output Voltage Accuracy
♦ Small 1µF Output Capacitor
♦ Short-Circuit Protection
♦ Thermal Protection
♦ Tiny 5-Pin SOT23 Package

Applications
    Smoke Detectors
    Remote Transmitters
    Smart Battery Packs
    Industrial Control Systems
    Microcontroller Power
    Real-Time Clock Backup Power
    PDAs and Handy-Terminals
    Battery-Powered Alarms




Similar Part No. - MAX1725

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAX17250ANC MAXIM-MAX17250ANC Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAX17250ATD MAXIM-MAX17250ATD Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
Electronic load capable of 2A
Rev 0; 8/18
More results


Similar Description - MAX1725

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
logo
National Semiconductor ...
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com