Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1735 Datasheet (PDF) - Maxim Integrated Products

MAX1735 Datasheet PDF - Maxim Integrated Products
Part # MAX1735
Download  MAX1735 Download
File Size   348.94 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23

MAX1735 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1735 Datasheet PDF - Maxim Integrated Products

Part # MAX1735
Download  MAX1735 Click to download

File Size   348.94 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23

MAX1735 Datasheet (HTML) - Maxim Integrated Products


MAX1735 Product details

General Description
The MAX1735 negative-output, low-dropout linear regulator operates from a -2.5V to -6.5V input and delivers a guaranteed 200mA with a low 80mV dropout. The high accuracy (±1%) output voltage is preset or can be adjusted from -1.25V to -5.5V with an external resistive voltage-divider.
An internal N-channel MOSFET allows for a low 85µA quiescent current virtually independent of the load, making this device ideal for battery-powered portable equipment, such as PDAs, mobile phones, cordless phones, and wireless data modems.
The device is available in several preset output voltage versions: -5.0V, -3.0V, and -2.5V. All versions offer a 1nA low-power shutdown mode, short-circuit protec tion, and thermal overload protection. The device is offered in a tiny 5-pin SOT23 package.

Features
♦ Guaranteed 200mA Output Current
♦ Low 80mV Dropout Voltage at 200mA
♦ Low 85µA Quiescent Supply Current
♦ Low 1nA Current Shutdown Mode
♦ Stable with 1µF COUT
♦ PSRR >60dB at 100Hz
♦ Thermal Overload Protection
♦ Short-Circuit Protection
♦ -5.0V, -3.0V, or -2.5V Output Voltage
   or Adjustable (-1.25V to -5.5V)
♦ Tiny SOT23-5 Package

Applications
   Disk Drives
   Modems
   Instrumentation Amplifiers
   Notebook Computers
   Mobile and Cordless Telephones
   PCMCIA Cards
   GaAsFET Bias
   Mobile Wireless Data Modems
   PDAs and Palmtop Computers




Similar Part No. - MAX1735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1735EUK MAXIM-MAX1735EUK Datasheet
58Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A December 23, 2001
More results


Similar Description - MAX1735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com