Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1744 Datasheet (PDF) - Maxim Integrated Products

MAX1744 Datasheet PDF - Maxim Integrated Products
Part # MAX1744
Download  MAX1744 Download
File Size   256.99 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Step-Down DC-DC Controller in uMAX

MAX1744 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1744 Datasheet PDF - Maxim Integrated Products

Part # MAX1744
Download  MAX1744 Click to download

File Size   256.99 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Step-Down DC-DC Controller in uMAX

MAX1744 Datasheet (HTML) - Maxim Integrated Products


MAX1744 Product details

General Description
The MAX1744/MAX1745 are step-down DC-DC controllers capable of handling up to 36V inputs. These parts use a proprietary current-limited control scheme for excellent light- and full-load efficiency, while their 330kHz (max) switching frequency permits small exter
nal components for space-critical applications.
Operation to 100% duty cycle permits the lowest possible dropout voltage. The MAX1744 contains an internal feedback network that provides a pin-selectable output voltage of either 3.3V or 5V. The MAX1745 uses an external feedback network to generate an adjustable output voltage between 1.25V and 18V.
The MAX1744/MAX1745 are available in a space-saving 10-pin μMAX®package.

Features
♦High-Voltage Operation (Up to 36V IN)
♦Efficiency > 90%
♦Output Power Capability Exceeds 50W
♦10-Pin µMax Package
♦Low-Dropout Voltage
♦100% (max) Duty Cycle
♦90µA Quiescent Current
♦4µA Shutdown Current
♦Up to 330kHz Switching Frequency
♦Output Voltage
5V or 3.3V (MAX1744)
Adjustable 1.25V to 18V (MAX1745)
♦Current-Limited Control Scheme




Similar Part No. - MAX1744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
272Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
MAX1744 MAXIM-MAX1744 Datasheet
305Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
MAX1744AUB+ MAXIM-MAX1744AUB+ Datasheet
272Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
MAX1744AUB+ MAXIM-MAX1744AUB+ Datasheet
305Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
MAX1744EUB+ MAXIM-MAX1744EUB+ Datasheet
272Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
More results


Similar Description - MAX1744

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
Voltage, Synchronous Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com