Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1761 Datasheet (PDF) - Maxim Integrated Products

MAX1761 Datasheet PDF - Maxim Integrated Products
Part # MAX1761
Download  MAX1761 Download
File Size   473.69 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Small, Dual, High-Efficiency Buck Controller for Notebooks

MAX1761 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1761 Datasheet PDF - Maxim Integrated Products

Part # MAX1761
Download  MAX1761 Click to download

File Size   473.69 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Small, Dual, High-Efficiency Buck Controller for Notebooks

MAX1761 Datasheet (HTML) - Maxim Integrated Products


MAX1761 Product details

General Description
The MAX1761 dual pulse-width-modulation (PWM), step-down controller provides high efficiency, excellent transient response, and high DC output accuracy in an extremely compact circuit topology. These features are essential for stepping down high-voltage batteries to generate low-voltage CPU core, I/O, and chipset RAM supplies in PC board area critical applications, such as notebook computers and smart phones.

Features
♦ Free-Running On-Demand PWM
♦ Selectable Light-Load Pulse-Skipping Operation
♦ ±1% Total DC Error in Forced-PWM Mode
♦ 5V to 20V Input Range
♦ Flexible Output Voltages
   OUT1: Dual Mode™ Fixed 2.5V or 1V to 5.5V
   Adjustable
   OUT2: Dual Mode Fixed 1.8V or 1V to 5.5V
   Adjustable
♦ Output Undervoltage Protection
♦ Complementary Synchronous Buck
♦ No Current-Sense Resistor
♦ 4.65V at 25mA Linear Regulator Output
♦ 4µA V+ Shutdown Supply Current
♦ 5µA VL Shutdown Supply Current
♦ 950µA Quiescent Supply Current
♦ Tiny 16-Pin QSOP Package

Applications
   Notebooks and PDAs
   Digital Cameras
   Handy-Terminals
   Smart Phones
   1.8V/2.5V Logic and I/O Supplies




Similar Part No. - MAX1761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17610 MAXIM-MAX17610 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610ATC+T MAXIM-MAX17610ATC+T Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17610EVKIT MAXIM-MAX17610EVKIT Datasheet
787Kb / 9P
MAX17610 ??4.5V to 60V, 1A, Reverse-Voltage Protector with Forward Current Limit
Rev 0; 3/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17612AATB+T MAXIM-MAX17612AATB+T Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results


Similar Description - MAX1761

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com