Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1765 Datasheet (PDF) - Maxim Integrated Products

MAX1765 Datasheet PDF - Maxim Integrated Products
Part # MAX1765
Download  MAX1765 Download
File Size   559.02 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator

MAX1765 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1765 Datasheet PDF - Maxim Integrated Products

Part # MAX1765
Download  MAX1765 Click to download

File Size   559.02 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator

MAX1765 Datasheet (HTML) - Maxim Integrated Products


MAX1765 Product details

General Description
The MAX1765 is a high-efficiency, low-noise, step-up DC-DC converter intended for use in battery-powered wireless applications. This device operates at a high 1MHz fixed frequency while maintaining an exceptionally low quiescent supply current (200µA). Its small external components and tiny package make this device an excellent choice for small hand-held applications that require the longest possible battery life.

Features
♦ High-Efficiency Step-Up Converter
   Up to 93% Efficiency
   Adjustable Output from +2.5V to +5.5V
   Up to 800mA Output
   PWM Synchronous-Rectified Topology
   1MHz Operating Frequency (or Sync)
♦ LDO Linear Regulator
   500mA LDO Linear Regulator
   2.85V Linear Regulator Output or Adjustable
   (1.25V to 5V)
   Low 125mV Dropout at 500mA
♦ +0.7V to +5.5V Input Range
♦ 0.1μA Logic-Controlled Shutdown
♦ Adjustable Inductor Current Limit and Soft-Start
♦ Thermal Shutdown
♦ 1.5W, 16-Pin TSSOP-EP Package Available

Applications
   Wireless Handsets
   PCS Phones
   Palmtop Computers
   Personal Communicators
   Hand-Held Instruments
   Portable Audio Players




Similar Part No. - MAX1765

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765 Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
208Kb / 7P
Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
MAX1765EEE MAXIM-MAX1765EEE Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765EUE MAXIM-MAX1765EUE Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
More results


Similar Description - MAX1765

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
Low Noise, Step-Up PWM DC/DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
Low-Noise Step-up DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com