Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1774 Datasheet (PDF) - Maxim Integrated Products

MAX1774 Datasheet PDF - Maxim Integrated Products
Part # MAX1774
Download  MAX1774 Download
File Size   398.28 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover

MAX1774 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1774 Datasheet PDF - Maxim Integrated Products

Part # MAX1774
Download  MAX1774 Click to download

File Size   398.28 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover

MAX1774 Datasheet (HTML) - Maxim Integrated Products


MAX1774 Product details

General Description
The MAX1774 is a complete power-supply solution for PDAs and other hand-held devices. It integrates two high-efficiency step-down converters, a boost converter for backup battery regulation, and four voltage detectors in a small 32-pin QFN or 28-pin QSOP package.

Features
♦ Dual, High-Efficiency, Synchronous-Rectified Step-Down Converters
♦ Thin, Small (1mm High) QFN Package
♦ Step-Up Converter for Backup Battery
♦ Main Power
    Adjustable from +1.25V to +5.5V
    Over 2A Load Current
    Up to 95% Efficiency
♦ Core Power
    Adjustable from 1V to 5V
    Internal Switches
    Up to 1.5A Load Current
    Up to 91% Efficiency
♦ Automatic Main Battery Switchover
♦ 100% (max) Duty Cycle
♦ Up to 1.25MHz Switching Frequency
♦ Input Voltage Range from +2.7V to +28V
♦ Four Low-Voltage Detectors
♦ 170µA Quiescent Current
♦ 8µA Shutdown Current
♦ Digital Soft-Start
♦ Independent Shutdown Inputs

Applications
    Hand-Held Computers
    PDAs
    Internet Access Tablets
    POS Terminals
    Subnotebooks




Similar Part No. - MAX1774

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
181Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 12/03
MAX1774 MAXIM-MAX1774 Datasheet
568Kb / 21P
Dual, High-Efficiency, Step-Down
2003
MAX1774EEI MAXIM-MAX1774EEI Datasheet
568Kb / 21P
Dual, High-Efficiency, Step-Down
2003
MAX1774EGJ MAXIM-MAX1774EGJ Datasheet
568Kb / 21P
Dual, High-Efficiency, Step-Down
2003
MAX1774EVKIT MAXIM-MAX1774EVKIT Datasheet
181Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 12/03
More results


Similar Description - MAX1774

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
BCD Semiconductor Manuf...
AUR9707 BCDSEMI-AUR9707 Datasheet
796Kb / 15P
Dual High-efficiency PWM Step-down DC-DC Converter with OVP
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
Dual Step-Down Converter with Battery Monitoring
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774_V01 Datasheet
568Kb / 21P
Dual, High-Efficiency, Step-Down
2003
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com