Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1811 Datasheet (PDF) - Maxim Integrated Products

MAX1811 Datasheet PDF - Maxim Integrated Products
Part # MAX1811
Download  MAX1811 Download
File Size   167.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB-Powered Li Charger

MAX1811 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1811 Datasheet PDF - Maxim Integrated Products

Part # MAX1811
Download  MAX1811 Click to download

File Size   167.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB-Powered Li Charger

MAX1811 Datasheet (HTML) - Maxim Integrated Products


MAX1811 Product details

General Description
The MAX1811 is a single-cell lithium-ion (Li+) battery charger that can be powered directly from a USB port* or from an external supply up to 6.5V. It has a 0.5% overall battery regulation voltage accuracy to allow maximum utilization of the battery capacity.

Features
● Charges Single-Cell Li+ Batteries Directly from USB Port
● 0.5% Overall Charging Accuracy
● Minimal External Components
● Input Diode Not Required
● Automatic IC Thermal Regulation
● Preconditions Near-Depleted Cells
● Convenient Power SO-8 Package (1.4W)

Applications
● PDAs and Palmtops
● Digital Still Cameras
● MP3 Players
● Cell Phones
● Two-Way Pagers
● Hand-Held Computers




Similar Part No. - MAX1811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811 Datasheet
1Mb / 8P
USB-Powered Li Charger
2019
MAX1811ESA MAXIM-MAX1811ESA Datasheet
1Mb / 8P
USB-Powered Li Charger
2019
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
USB-Powered Li Charger
2019
More results


Similar Description - MAX1811

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
USB Power Controller and Li-Ion Linear Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Linear Technology
DC1142A-A LINER-DC1142A-A_15 Datasheet
164Kb / 1P
LTC3557EUF USB PWR MGR with Li-Ion CHARGER
DC1142A-B LINER-DC1142A-B_15 Datasheet
164Kb / 1P
LTC3557EUF USB PWR MGR with Li-Ion CHARGER
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
USB-Powered Li Charger
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com