Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1832 Datasheet (PDF) - Maxim Integrated Products

MAX1832 Datasheet PDF - Maxim Integrated Products
Part # MAX1832
Download  MAX1832 Download
File Size   511.72 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Step-Up Converters with Reverse Battery Protection

MAX1832 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1832 Datasheet PDF - Maxim Integrated Products

Part # MAX1832
Download  MAX1832 Click to download

File Size   511.72 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency Step-Up Converters with Reverse Battery Protection

MAX1832 Datasheet (HTML) - Maxim Integrated Products


MAX1832 Product details

General Description
The MAX1832–MAX1835 are high-efficiency step-up converters with complete reverse battery protection that protects the device and the load when the battery is reversed. They feature a built-in synchronous rectifier, which allows for over 90% efficiency and reduces size and cost by eliminating the need for an external Schottky diode.
These step-up converters operate from a +1.5V to +5.5V input voltage range and deliver up to 150mA of load current. The MAX1833EUT/MAX1835EUT (SOT devices) have a fixed 3.3V output voltage. The MAX1833ETT30 (TDFN device) has a fixed 3.0V output voltage. The MAX1832/MAX1834 have adjustable outputs from +2V to +5.5V. In shutdown, the MAX1832/MAX1833 connect the battery input to the voltage output, allowing the input battery to be used as a backup or real-time clock supply when the converter is off (see Selector Guide).
MAX183_EUT devices are available in a miniature 6-pin SOT23 package. The MAX1833ETT30 is available in a 3mm ✕ 3mm thin DFN package. The MAX1832EVKIT is available to speed designs.

Features
♦ Reverse Battery Protection for DC-DC Converter and Load
♦ Up to 90% Efficiency
♦ No External Diode or FETs Needed
♦ Internal Synchronous Rectifier
♦ 4µA Quiescent Current
♦ <1µA Shutdown Supply Current
♦ +1.5V to +5.5V Input Voltage Range
♦ Accurate SHDN Threshold for Low-Battery Cutoff
♦ BATT Connected to OUT in Shutdown for Backup Power (MAX1832/MAX1833)
♦ RST Output (MAX1833/MAX1835)
♦ Fixed 3.3V/3.0V Output Voltage
♦ Adjustable Output Voltage (MAX1832/MAX1834)
♦ Up to 150mA Output Current
♦ Tiny 6-Pin SOT23 Package
♦ Tiny 6-Pin Thin QFN Package (MAX1833ETT30)

Applications
   Medical Diagnostic Equipment
   Pagers
   Hand-Held Instruments
   Remote Wireless Transmitters
   Digital Cameras
   Cordless Phones
   Battery Backup
   PC Cards
   Local 3.3V or 5V Supply




Similar Part No. - MAX1832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results


Similar Description - MAX1832

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
5 Channel DC/DC Converters IC with High-Efficiency Step-Up
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Linear Technology
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com