Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2214F Datasheet (PDF) - Central Technologies

CT2214F Datasheet PDF - Central Technologies
Part # CT2214F
Download  CT2214F Download
File Size   369.92 Kbytes
Page   1 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description Wire-wound Chip Inductors - Open Wound

CT2214F Datasheet (PDF)

Go To PDF Page Download Datasheet
CT2214F Datasheet PDF - Central Technologies

Part # CT2214F
Download  CT2214F Click to download

File Size   369.92 Kbytes
Page   1 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description Wire-wound Chip Inductors - Open Wound

CT2214F Datasheet (HTML) - Central Technologies


CT2214F Product details

CT2214F & CT4015F Series
From 1.65 nH to 12.55 nH

CHARACTERISTICS
   Description: SMD air coil inductor.
   Applications: Designed to operate a wide frequency range application. Also designed to operate in high Q applications.
   Operating Temperature: -40°C to 125°C
   Inductance Tolerance: ±5%, ±10%
   Testing: Inductance is tested on an HP4286A at 800MHz.
   Packaging: Tape & Reel
   Miscellaneous: RoHS Compliant.
   Additional Information: Additional electrical & physical information available upon request.
   Samples available. See website for ordering information.




Similar Part No. - CT2214F

ManufacturerPart #DatasheetDescription
logo
Corstat Containers Inc
CT2211 CORSTATCONTAINERS-CT2211 Datasheet
460Kb / 2P
Stock Division Sets To Suit Corstat Stacking Boxes
More results


Similar Description - CT2214F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com