Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1902 Datasheet (PDF) - Maxim Integrated Products

MAX1902 Datasheet PDF - Maxim Integrated Products
Part # MAX1902
Download  MAX1902 Download
File Size   649.9 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers

MAX1902 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1902 Datasheet PDF - Maxim Integrated Products

Part # MAX1902
Download  MAX1902 Click to download

File Size   649.9 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers

MAX1902 Datasheet (HTML) - Maxim Integrated Products


MAX1902 Product details

General Description

The MAX1901/MAX1902/MAX1904 are buck-topology, step-down, switch-mode, power-supply controllers that generate logic-supply voltages in battery-powered systems. These high-performance, dual/triple-output devices include on-board power-up sequencing, power-good signaling with delay, digital soft-start, secondary winding control, low dropout circuitry, internal frequency-compensation networks, and automatic bootstrapping.

Up to 97% efficiency is achieved through synchronous rectification and Maxim’s proprietary Idle Mode™ control scheme. Efficiency is greater than 80% over a 1000:1 load-current range, which extends battery life in system suspend or standby mode. Excellent dynamic response corrects output load transients within five clock cycles. Strong 1A on-board gate drivers ensure fast external N channel MOSFET switching.



Features

♦ 97% Efficiency

♦ 4.2V to 30V Input Range

♦ 2.5V to 5.5V Dual Adjustable Outputs

♦ Selectable 3.3V and 5V Fixed or Adjustable Outputs (Dual Mode™)

♦ 12V Linear Regulator

♦ Adjustable Secondary Feedback (MAX1901/MAX1904)

♦ 5V/50mA Linear Regulator Output

♦ Precision 2.5V Reference Output

♦ Programmable Power-Up Sequencing

♦ Power-Good (RESET) Output

♦ Output Overvoltage Protection (MAX1901/MAX1902)

♦ Output Undervoltage Shutdown (MAX1901/MAX1902)

♦ 333kHz/500kHz Low-Noise, Fixed-Frequency Operation

♦ Low-Dropout, 98% Duty-Factor Operation

♦ 2.5mW Typical Quiescent Power (12V input, both SMPSs on)

♦ 4µA Typical Shutdown Current



Applications

  Notebook and Subnotebook Computers

  PDAs and Mobile Communicators

  Desktop CPU Local DC-DC Converters



 




Similar Part No. - MAX1902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT+ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Similar Description - MAX1902

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com