Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1963 Datasheet (PDF) - Maxim Integrated Products

MAX1963 Datasheet PDF - Maxim Integrated Products
Part # MAX1963
Download  MAX1963 Download
File Size   354.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN

MAX1963 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1963 Datasheet PDF - Maxim Integrated Products

Part # MAX1963
Download  MAX1963 Click to download

File Size   354.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN

MAX1963 Datasheet (HTML) - Maxim Integrated Products


MAX1963 Product details

General Description
The MAX1963/MAX1976 low-dropout linear regulators operate from a +1.62V to +3.6V supply and deliver a guaranteed 300mA continuous load current with a low 100mV dropout. The high-accuracy (±0.5%) output voltage is preset to an internally trimmed voltage in the +0.75V to +3.0V range. An active-low, open-drain reset output remains asserted for at least 2.2ms (MAX1963) or 70ms (MAX1976) after the output voltage reaches regulation. These devices are offered in 6-pin thin SOT23 and 6-pin 3mm x 3mm thin DFN packages.

Features
♦ Low 1.62V Minimum Input Voltage
♦ Guaranteed 300mA Output Current
♦ ±2.5% Accuracy Over Load/Line/Temp
♦ Low 100mV Dropout at 300mA Load
♦ 2.2ms (MAX1963) or 70ms (MAX1976) RESET Output Flag
♦ Supply Current Independent of Load and Dropout Voltage
♦ Logic-Controlled Shutdown
♦ Thermal-Overload and Short-Circuit Protection
♦ Preset Output Voltages (0.75V to 3.0V)
♦ Tiny 6-Pin Thin SOT23 Package (<1.1mm High)
♦ Thin 6-Pin TDFN Package (<0.8mm High)

Applications
    Notebook Computers
    Cellular and PCS Telephones
    Personal Digital Assistants (PDAs)
    Hand-Held Computers
    Digital Cameras
    PCMCIA Cards
    CD and MP3 Players




Similar Part No. - MAX1963

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963 Datasheet
313Kb / 12P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A MAXIM-MAX1963A Datasheet
225Kb / 10P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
MAX1963AETA MAXIM-MAX1963AETA Datasheet
364Kb / 15P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963AETA+T MAXIM-MAX1963AETA+T Datasheet
225Kb / 10P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
More results


Similar Description - MAX1963

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
logo
Global Mixed-mode Techn...
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com