Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1966 Datasheet (PDF) - Maxim Integrated Products

MAX1966 Datasheet PDF - Maxim Integrated Products
Part # MAX1966
Download  MAX1966 Download
File Size   404.73 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Voltage-Mode PWM Step-Down Controllers

MAX1966 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1966 Datasheet PDF - Maxim Integrated Products

Part # MAX1966
Download  MAX1966 Click to download

File Size   404.73 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Voltage-Mode PWM Step-Down Controllers

MAX1966 Datasheet (HTML) - Maxim Integrated Products


MAX1966 Product details

General Description
The MAX1966/MAX1967 are voltage-mode pulse-width-modulated (PWM), step-down DC-DC controllers that are ideal for a variety of cost-sensitive applications. They drive low-cost N-MOSFETs for both the high-side switch and synchronous rectifier and require no external Schottky power diode or current-sense resistor. Short circuit and current-limit protection is provided by sensing the drain-to-source voltage on the low-side FET. Both devices can supply outputs as low as 0.8V and are well suited for DSP cores and other low-voltage logic.

Features
♦ Cost-Optimized Design
♦ No Schottky Diode or Current-Sense Resistor
   Required
♦ >95% Efficiency
♦ Low-Cost External Components
♦ All N-Channel FET Design
♦ 2.7V to 5.5V Input Range (MAX1966)
♦ 2.7V to 28V Input Range (MAX1967)
♦ 0.8V Feedback for Low-Voltage Outputs
♦ 100kHz Switching Frequency Accommodates
   Low-Cost Components
♦ Thermal Shutdown
♦ Output Current-Limit and Short-Circuit Protection

Applications
   Set-Top Boxes
   Graphic Card Supplies
   xDSL Modems and Routers
   Cable Modems and Routers
   Telecom Power Supplies
   Networking Power Supplies
   Termination Supplies




Similar Part No. - MAX1966

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX196-MAX198 MAXIM-MAX196-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results


Similar Description - MAX1966

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Maxim Integrated Produc...
MAX1953EVKIT MAXIM-MAX1953EVKIT Datasheet
174Kb / 7P
Low-Cost Current-Mode Controllers
Rev 0; 10/05
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com