Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX199 Datasheet (PDF) - Maxim Integrated Products

MAX199 Datasheet PDF - Maxim Integrated Products
Part # MAX199
Download  MAX199 Download
File Size   165.94 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface

MAX199 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX199 Datasheet PDF - Maxim Integrated Products

Part # MAX199
Download  MAX199 Click to download

File Size   165.94 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface

MAX199 Datasheet (HTML) - Maxim Integrated Products


MAX199 Product details

General Description
The MAX199 multi-range, 12-bit data-acquisition system (DAS) requires only a single +5V supply for operation, and converts analog signals up to ±4V at its inputs. This system provides eight analog input channels that are independently software programmable for a variety of ranges: ±VREF, ±VREF/2, 0V to VREF, or 0V to VREF/2.

Features
♦ 12-Bit Resolution, 1/2LSB Linearity
♦ Single +5V Operation
♦ Software-Selectable Input Ranges: ±VREF, ±VREF/2, 0V to VREF, 0V to VREF/2
♦ Internal 4.096V or External Reference
♦ Fault-Protected Input Multiplexer (±16.5V)
♦ 8 Analog Input Channels
♦ 6µs Conversion Time, 100ksps Sampling Rate
♦ Internal or External Acquisition Control
♦ Two Power-Down Modes
♦ Internal or External Clock

Applications
    Industrial-Control Systems
    Robotics
    Data-Acquisition Systems
    Automatic Testing Systems
    Medical Instruments
    Telecommunications




Similar Part No. - MAX199

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results


Similar Description - MAX199

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
08-Nov-2005
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
04-Apr-2008
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com