Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2104 Datasheet (PDF) - Maxim Integrated Products

MAX2104 Datasheet PDF - Maxim Integrated Products
Part # MAX2104
Download  MAX2104 Download
File Size   148.56 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Direct-Conversion Tuner IC for Digital DBS Applications

MAX2104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2104 Datasheet PDF - Maxim Integrated Products

Part # MAX2104
Download  MAX2104 Click to download

File Size   148.56 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Direct-Conversion Tuner IC for Digital DBS Applications

MAX2104 Datasheet (HTML) - Maxim Integrated Products


MAX2104 Product details

General Description
The MAX2104 low-cost direct-conversion tuner IC is designed for use in digital direct-broadcast satellite (DBS) television set-top box units. Its direct-conversion architecture reduces system cost compared to devices with IF-based architectures. The MAX2104 directly converts L-band signals to baseband signals using a broadband I/Q downconverter. The operating frequency range extends from 925MHz to 2175MHz.

Features
♦ Low-Cost Architecture
♦ Operates from Single 5V Supply
♦ 925MHz to 2175MHz Input Frequency Range
♦ On-Chip Quadrature Generator, Dual-Modulus Prescaler (/32, /33)
♦ On-Chip Crystal Amplifier
♦ PLL Mixer with Gain-Controlled Charge Pump
♦ Input Levels: -25dBm to -65dBm per Carrier
♦ Over 40dB Gain Control Range
♦ Noise Figure = 11.5dB; IIP3 = 7dBm (at 1550MHz)
♦ Automatic Baseband Offset Correction
♦ Loopthrough Replaces External Splitter
♦ Crystal Output Buffer

Applications
    DirecTV, PrimeStar, EchoStar DBS Tuners
    DVB-Compliant DBS Tuners
    Broadband Systems
    LMDS




Similar Part No. - MAX2104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2104CCM MAXIM-MAX2104CCM Datasheet
93Kb / 7P
PLASTIC ENCAPSULATED DEVICES
Rev. A January 28, 2001
MAX2104CCM+ MAXIM-MAX2104CCM+ Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
More results


Similar Description - MAX2104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
8PSK/QPSK direct conversion tuner IC
Sep-2004
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
Direct-Conversion Tuner IC
Rev 1; 6/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com