Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2205 Datasheet (PDF) - Maxim Integrated Products

MAX2205 Datasheet PDF - Maxim Integrated Products
Part # MAX2205
Download  MAX2205 Download
File Size   170.85 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Power Detectors in UCSP

MAX2205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2205 Datasheet PDF - Maxim Integrated Products

Part # MAX2205
Download  MAX2205 Click to download

File Size   170.85 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Power Detectors in UCSP

MAX2205 Datasheet (HTML) - Maxim Integrated Products


MAX2205 Product details

General Description
The MAX2205–MAX2208 wideband (800MHz to 2GHz) power detectors are ideal for GSM/EDGE (MAX2206), TDMA (MAX2207), and CDMA (MAX2205/MAX2208) applications. The MAX2206/MAX2207/MAX2208 take an RF signal from a directional coupler at the input, and output a highly repeatable voltage. The output voltage increases monotonically with increasing input power. The output is compensated for temperature and process shifts, reducing the worst-case variation to less than ±1dB at full power and ±2.5dB at the lowest power.

Features
♦ Space-Saving 2 ✕ 2 UCSP Occupies Only 1mm2
♦ Internal Temperature Compensation Gives ±0.3dB
   Detection Accuracy
♦ No External Filter or Op Amp Required
♦ Power-Detection Range
   40dB (MAX2206)
   25dB (MAX2205/MAX2207/2208)

Applications
   Dual-Band GSM/EDGE Handsets
   Dual-Band CDMA/TDMA Handsets
   WCDMA Handsets
   PA Modules




Similar Part No. - MAX2205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
91Kb / 5P
Fully Assembled and Tested
Rev 1; 5/02
MAX2205EBS MAXIM-MAX2205EBS Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
MAX2205EBS+ MAXIM-MAX2205EBS+ Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
MAX2205EVKIT MAXIM-MAX2205EVKIT Datasheet
91Kb / 5P
Fully Assembled and Tested
Rev 1; 5/02
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
More results


Similar Description - MAX2205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Richtek Technology Corp...
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
Micro-Power Voltage Detectors
logo
Maxim Integrated Produc...
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
4.5Ω Quad SPST Analog Switches in UCSP
logo
Richtek Technology Corp...
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com