Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3447M Datasheet (PDF) - International Rectifier

IR3447M Datasheet PDF - International Rectifier
Part # IR3447M
Download  IR3447M Download
File Size   1892.4 Kbytes
Page   51 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single 5V to 21V application

IR3447M Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3447M Datasheet PDF - International Rectifier

Part # IR3447M
Download  IR3447M Click to download

File Size   1892.4 Kbytes
Page   51 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single 5V to 21V application

IR3447M Datasheet (HTML) - International Rectifier




Similar Part No. - IR3447M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3447MPBF IRF-IR3447MPBF Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447MTR1PBF IRF-IR3447MTR1PBF Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447MTRPBF IRF-IR3447MTRPBF Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3447MTRPBF INFINEON-IR3447MTRPBF Datasheet
2Mb / 52P
25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results


Similar Description - IR3447M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3448M IRF-IR3448M_15 Datasheet
3Mb / 50P
Single 5V to 21V application
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
Single input voltage range from 5V to 21V
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
Single input voltage range from 5V to 21V
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
logo
Maxim Integrated Produc...
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
5V Output-Voltage Application
Rev 0; 12/20
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
5V Output-Voltage Application
Rev 0; 1/14
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
5V Output-Voltage Application
Rev 0; 11/17
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com