Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX213 Datasheet (PDF) - Maxim Integrated Products

MAX213 Datasheet PDF - Maxim Integrated Products
Part # MAX213
Download  MAX213 Download
File Size   395.78 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V-Powered, Multichannel RS-232 Drivers/Receivers

MAX213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX213 Datasheet PDF - Maxim Integrated Products

Part # MAX213
Download  MAX213 Click to download

File Size   395.78 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V-Powered, Multichannel RS-232 Drivers/Receivers

MAX213 Datasheet (HTML) - Maxim Integrated Products


MAX213 Product details

General Description
The MAX220–MAX249 family of line drivers/receivers is intended for all EIA/TIA-232E and V.28/V.24 communications interfaces, particularly applications where ±12V is not available.
These parts are especially useful in battery-powered systems, since their low-power shutdown mode reduces power dissipation to less than 5µW. The MAX225, MAX233, MAX235, and MAX245/MAX246/MAX247 use no external components and are recommended for applications where printed circuit board space is critical.

Next-Generation Device Features
♦ For Low-Voltage, Integrated ESD Applications
   MAX3222E/MAX3232E/MAX3237E/MAX3241E/
   MAX3246E: +3.0V to +5.5V, Low-Power, Up to
   1Mbps, True RS-232 Transceivers Using Four
   0.1µF External Capacitors (MAX3246E Available
   in a UCSP™ Package)
♦ For Low-Cost Applications
   MAX221E: ±15kV ESD-Protected, +5V, 1µA,
   Single RS-232 Transceiver with AutoShutdown™
  
Applications
  Portable Computers
  Low-Power Modems
  Interface Translation
  Battery-Powered RS-232 Systems
  Multidrop RS-232 Networks




Similar Part No. - MAX213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX213 MAXIM-MAX213 Datasheet
184Kb / 8P
Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications
19-1806; Rev 1; 8/03
logo
Texas Instruments
MAX213 TI-MAX213 Datasheet
224Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX213 ARTSCHIP-MAX213 Datasheet
4Mb / 20P
Transceivers External Capacitors
More results


Similar Description - MAX213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com