Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2406 Datasheet (PDF) - Maxim Integrated Products

MAX2406 Datasheet PDF - Maxim Integrated Products
Part # MAX2406
Download  MAX2406 Download
File Size   92.58 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Downconverter with Low-Noise Amplifier

MAX2406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2406 Datasheet PDF - Maxim Integrated Products

Part # MAX2406
Download  MAX2406 Click to download

File Size   92.58 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Downconverter with Low-Noise Amplifier

MAX2406 Datasheet (HTML) - Maxim Integrated Products


MAX2406 Product details

General Description
The MAX2406 low-noise amplifier (LNA)/downconverter mixer is designed for use over a wide range of frequencies and is optimized for communications systems operating at a frequency of 1.9GHz. Applications include PWT1900/DCT1900, DCS1800/PCS1900, PHS, and DECT. This device includes an LNA, a downconverter mixer, and a local-oscillator (LO) buffer in a low cost, plastic surface-mount package. At 1.9GHz, the LNA has 2.5dB typical noise figure and a -9.5dBm input third-order intercept point (IP3). The downconverter mixer has a low 9.1dB noise figure and a 4.5dBm input IP3. Image and LO filtering are implemented off-chip for maximum flexibility.

Features
♦ Integrated LNA/Downconverter
♦ 3.2dB Combined Receiver Noise Figure:
    2.5dB (LNA)
    9.1dB (mixer)
♦ -12.5dBm Combined Receiver Input IP3:
    -9.5dBm (LNA)
    4.5dBm (mixer)
♦ LO Buffer
♦ +2.7V to +5.5V Single-Supply Operation
♦ 60mW Power Consumption
♦ Low-Power Shutdown Mode

Applications
    PWT1900/DCT1900
    DCS1800/PCS1900
    PHS/PACS
    DECT




Similar Part No. - MAX2406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
56Kb / 4P
Evaluation Kit
1997
MAX2406EVKIT MAXIM-MAX2406EVKIT Datasheet
56Kb / 4P
Evaluation Kit
1997
MAX2406 MAXIM-MAX2406_1 Datasheet
56Kb / 4P
Evaluation Kit
1997
More results


Similar Description - MAX2406

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com