Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2440 Datasheet (PDF) - Maxim Integrated Products

MAX2440 Datasheet PDF - Maxim Integrated Products
Part # MAX2440
Download  MAX2440 Download
File Size   182.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 900MHz Image-Reject Receivers

MAX2440 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2440 Datasheet PDF - Maxim Integrated Products

Part # MAX2440
Download  MAX2440 Click to download

File Size   182.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 900MHz Image-Reject Receivers

MAX2440 Datasheet (HTML) - Maxim Integrated Products


MAX2440 Product details

General Description
The MAX2440/MAX2441/MAX2442 highly integrated front-end receiver ICs provide the lowest cost solution for cordless phones and ISM-band radios operating in the 900MHz band. All devices incorporate receive image reject mixers to reduce filter cost. They operate with a +2.7V to +4.8V power supply, allowing direct connection to a 3-cell battery stack.

Features
♦ Receive Mixer with 35dB Image Rejection
♦ Adjustable-Gain LNA
♦ Up to +2dBm Combined Receiver Input IP3
♦ 4dB Combined Receiver Noise Figure
♦ Low Current Consumption: 23mA Receive 9.5mA Oscillator
♦ 0.5µA Shutdown Mode
♦ Operates from Single +2.7V to +4.8V Supply

Applications
    Cordless Phones
    Spread-Spectrum Communications
    Wireless Telemetry
    Two-Way Paging
    Wireless Networks




Similar Part No. - MAX2440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX244 MAXIM-MAX244 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX244 MAXIM-MAX244 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX244 MAXIM-MAX244 Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX244C MAXIM-MAX244C Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX244C/D MAXIM-MAX244C/D Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
More results


Similar Description - MAX2440

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2420 MAXIM-MAX2420 Datasheet
250Kb / 14P
900MHz Image-Reject Transceivers
Rev 5; 8/03
MAX2424 MAXIM-MAX2424 Datasheet
163Kb / 14P
900MHz Image-Reject Receivers with Transmit Mixer
19-1350 Rev 2; 2/99
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
Image Reject Mixer
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
Image Reject Mixer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com