Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2452 Datasheet (PDF) - Maxim Integrated Products

MAX2452 Datasheet PDF - Maxim Integrated Products
Part # MAX2452
Download  MAX2452 Download
File Size   64.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, Ultra-Low-Power Quadrature Modulator

MAX2452 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2452 Datasheet PDF - Maxim Integrated Products

Part # MAX2452
Download  MAX2452 Click to download

File Size   64.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V, Ultra-Low-Power Quadrature Modulator

MAX2452 Datasheet (HTML) - Maxim Integrated Products


MAX2452 Product details

General Description
The monolithic MAX2452 is a quadrature modulator with supporting oscillator and divide-by-8 prescaler. It operates from a single +3V supply and draws only 4.1mA. The modulator accepts differential I and Q baseband signals with amplitudes up to 1.35Vp-p and bandwidths up to 15MHz. It produces a differential output up to 80MHz.

Features
♦ IF Output Frequency up to 80MHz
♦ Input Bandwidth up to 15MHz
♦ On-Chip Oscillator with External Tuning Circuit
♦ On-Chip Divide-by-8 Prescaler
♦ Integrated Quadrature Phase Shifters
♦ Self-Biased Differential Baseband Inputs
♦ CMOS-Compatible Enable
♦ 4.1mA Operating Supply Current 2µA Shutdown Supply Current

Applications
    Digital Cordless Phones
    GSM and North American Cellular Phones
    Wireless LANs
    Digital Communications
    Two-Way Pagers




Similar Part No. - MAX2452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX245 MAXIM-MAX245 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX245 MAXIM-MAX245 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX245 MAXIM-MAX245 Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
MAX2450CEP MAXIM-MAX2450CEP Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
More results


Similar Description - MAX2452

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
MAX2451 MAXIM-MAX2451 Datasheet
58Kb / 6P
3V, Ultra-Low-Power Quadrature Demodulator
19-0493; Rev 0; 12/95
logo
RF Micro Devices
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com