Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2470 Datasheet (PDF) - Maxim Integrated Products

MAX2470 Datasheet PDF - Maxim Integrated Products
Part # MAX2470
Download  MAX2470 Download
File Size   115.22 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs

MAX2470 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2470 Datasheet PDF - Maxim Integrated Products

Part # MAX2470
Download  MAX2470 Click to download

File Size   115.22 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs

MAX2470 Datasheet (HTML) - Maxim Integrated Products


MAX2470 Product details

General Description
The MAX2470/MAX2471 are flexible, low-cost, highreverse-isolation buffer amplifiers for applications with discrete and module-based VCO designs. Both feature differential 50Ω outputs for driving a single differential (balanced) load or two separate single-ended (unbalanced) 50Ω loads. The MAX2470 offers a single-ended input and has two selectable frequency ranges of operation: 10MHz to 500MHz and 10MHz to 200MHz. The MAX2471 offers a differential input and operates from 10MHz to 500MHz. The MAX2470/MAX2471 also feature high input impedance for maximum flexibility, enabling them to be used with a variety of oscillator topologies. High reverse isolation combined with low supply current make them ideal for applications requiring high performance with low power

Features
♦ +2.7V to +5.5V Supply Range
♦ Input Frequency Range
    High: 10MHz to 500MHz (MAX2470/2471)
    Low: 10MHz to 200MHz (MAX2470)
♦ >14dB Power Gain at 200MHz
♦ 64dB Typical Reverse Isolation at 200MHz
♦ Low-Distortion Output Drive
♦ Ultra-Small SOT23-6 Package
♦ High Input Impedance
♦ Single-Ended (MAX2470) or Differential (MAX2471) Inputs

Applications
    Cellular and PCS Mobile Phones
    ISM-Band Applications
    Active Baluns
    General-Purpose Buffers/Amplifiers




Similar Part No. - MAX2470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2470 MAXIM-MAX2470 Datasheet
101Kb / 4P
All Critical Peripheral Components Included Evaluation Kits
Rev 0; 2/99
MAX2470EUT-T MAXIM-MAX2470EUT-T Datasheet
120Kb / 8P
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
MAX2470EVKIT MAXIM-MAX2470EVKIT Datasheet
101Kb / 4P
All Critical Peripheral Components Included Evaluation Kits
Rev 0; 2/99
More results


Similar Description - MAX2470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2472 MAXIM-MAX2472 Datasheet
242Kb / 12P
500MHz to 2500MHz VCO Buffer Amplifiers
19-1466; Rev 0; 6/99
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
500MHz Rail-to-Rail Amplifiers
March 29, 2007
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
500MHz Rail-to-Rail Amplifiers
March 30, 2007
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
500MHz Rail-to-Rail Amplifiers
October 17, 2007
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
500MHz Rail-to-Rail Amplifiers
August 10, 2007
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
500MHz Rail-to-Rail Amplifiers
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com