Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1608L1 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

1608L1 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 1608L1
Download  1608L1 Download
File Size   131.05 Kbytes
Page   1 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA

1608L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1608L1 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 1608L1
Download  1608L1 Click to download

File Size   131.05 Kbytes
Page   1 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA

1608L1 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


1608L1 Product details

Description
The 1608-Series 4.25 Gb/s transmitter optical subassembly (TOSA) integrates a high-speed laser, a monitor photodiode and a micro-TEC in a small form-factor metallized ceramic package. It is designed for use in small form-factor pluggable (SFP) transceivers and other types of optical modules for high-speed telecommunication and data applications including WDM 4X Fiber Channel and 4G Gibabit Ethernet.

Features
• Ultra small form factor 9-pin MSA DFB TOSA
• Data rates up to 4.25Gb/s
• For use up to 80 km (1600 ps/nm) at 4.25 Gb/s
• +3 dBm minimum optical output power
• Wavelength selectable to C-band ITU-T grid wavelengths
• Suitable for use in 100GHz channel spacing DWDM systems
• Temperature stabilized; can also be operated in partially cooled mode for CWDM applications
• Maximum power consumption less than 0.25W
• LC receptacle
• 25W single-ended data input
• Case operating temperature range: -5 to +75°C




Similar Part No. - 1608L1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
1608L1 BOARDCOM-1608L1 Datasheet
122Kb / 1P
MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
More results


Similar Description - 1608L1

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
1,550nm DWDM Direct Modulation DFB Laser
logo
Finisar Corporation.
DFB-1310-4I-LC FINISAR-DFB-1310-4I-LC Datasheet
189Kb / 5P
DFB LASER DIODE LC TOSA
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
DFB LASER DIODE LC TOSA
logo
AVAGO TECHNOLOGIES LIMI...
1610 AVAGO-1610 Datasheet
131Kb / 1P
MSA-compatible 2.5 Gb/s Cooled DFB TOSA
1625 AVAGO-1625 Datasheet
168Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
1655 AVAGO-1655 Datasheet
169Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
logo
Broadcom Corporation.
1608L1 BOARDCOM-1608L1 Datasheet
122Kb / 1P
MSA-compatible 4.25Gb/s Cooled DWDM DFB TOSA
1610 BOARDCOM-1610 Datasheet
131Kb / 1P
MSA-compatible 2.5 Gb/s Cooled DFB TOSA
1625 BOARDCOM-1625 Datasheet
160Kb / 1P
XMD MSA-compatible 10 Gb/s Cooled EML TOSA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com